Part Number Hot Search : 
DT74ALV AAT2557 STRX6729 C0455A BAT120A 98300 204510 IN08008
Product Description
Full Text Search
 

To Download STP60N55F3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  april 2009 doc id 13242 rev 4 1/20 20 stb60n55f3, std60n 55f3, stf60n55f3 sti60n55f3, stp60n 55f3, stu60n55f3 n-channel 55 v, 6.5 m ? , 80 a, dpak, ipak, d 2 pak, i 2 pak, to-220 to-220fp stripfet? iii power mosfet features standard threshold drive 100% avalanche tested application switching applications description this stripfet? iii power mosfet technology is among the latest improvements, which have been especially tailored to minimize on-state resistance providing superior switching performances. figure 1. internal schematic diagram type v dss r ds(on) i d pw stb60n55f3 55v <8.5m ? 80a 110w std60n55f3 55v <8.5m ? 80a 110w stf60n55f3 55v <8.5m ? 42a 30w sti60n55f3 55v <8.5m ? 80a 110w STP60N55F3 55v <8.5m ? 80a 110w stu60n55f3 55v <8.5m ? 80a 110w dpak 1 3 3 2 1 ipak 1 3 d2pak 1 2 3 to-220fp 1 2 3 to-220 1 2 3 i2pak table 1. device summary order codes marking package packaging stb60n55f3 60n55f3 d2pak tape and reel std60n55f3 60n55f3 dpak tape and reel stf60n55f3 60n55f3 to-220fp tube sti60n55f3 60n55f3 i2pak tube STP60N55F3 60n55f3 to-220 tube stu60n55f3 60n55f3 ipak tube www.st.com www.datasheet.in
contents stx60n55f3 2/20 doc id 13242 rev 4 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 www.datasheet.in
stx60n55f3 electrical ratings doc id 13242 rev 4 3/20 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit dpak/d2pak to-220 ipak/i2pak to-220fp v ds drain-source voltage (v gs =0) 55 v v gs gate-source voltage 20 v i d drain current (continuous) at t c = 25c 80 42 a i d drain current (continuous) at t c = 100c 56 30 a i dm (1) 1. pulse width limited by safe operating area drain current (pulsed) 320 168 a p tot total dissipation at t c = 25c 110 30 w derating factor 0.73 0.2 w/c dv/dt (2) 2. i sd < 80 a, di/d t < 300a/s, v d d < v (br)dss . tj < tjmax peak diode recovery voltage slope 11 v/ns e as (3) 3. starting tj=25c, id=32 a, vdd= 25 v single pulse avalanche energy 390 mj v iso insulation withstand voltage (rms) from all three leads to external heat sink (t=1s;t c =25c) 2500 v t j t stg operating junction temperature storage temperature -55 to 175 c table 3. thermal resistance symbol parameter value unit dpak ipak i2pak d2pak to-220 to-220fp rthj-case thermal resistance junction- case max 1.36 5 c/w rthj-pcb (1) 1. when mounted on fr-4 board of 1inch2, 2oz cu thermal resistance junction- pcb max 50 35 c/w rthj-a thermal resistance junction- ambient max 100 62.5 c/w t l maximum lead temperature for soldering purpose 275 300 c www.datasheet.in
electrical characteristics stx60n55f3 4/20 doc id 13242 rev 4 2 electrical characteristics (t case = 25 c unless otherwise specified) table 4. static symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250a, v gs = 0 55 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating, v ds = max rating,tc = 125c 10 100 a a i gss gate body leakage current (v ds = 0) v gs = 20v 200 na v gs(th) gate threshold voltage v ds = v gs , i d = 250a 24v r ds(on) static drain-source on resistance v gs = 10v, i d = 32a 6.5 8.5 m ? table 5. dynamic symbol parameter test conditions min. typ. max. unit g fs (1) 1. pulsed: pulse duration = 300 s, duty cycle 1.5% forward transconductance v ds =25v, i d =32a -50 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25v, f = 1mhz, v gs =0 - 2200 500 25 pf pf pf q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 27v, i d = 65a v gs =10v (see figure 16) - 33.5 12.5 9.5 45 nc nc nc table 6. switching on/off (inductive load) symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd = 27v, i d = 32a, r g = 4.7 ?, v gs = 10v (see figure 18) - 20 50 - ns ns t d(off) t f turn-off delay time fall time v dd = 27v, i d = 32a, r g = 4.7 ?, v gs = 10v (see figure 18) - 35 11.5 - ns ns www.datasheet.in
stx60n55f3 electrical characteristics doc id 13242 rev 4 5/20 table 7. source drain diode symbol parameter test conditions packages min. typ. max. unit i sd i sdm (1) source-drain current source-drain current (pulsed) dpak-d 2 pak- i 2 pak-i 2 pak- to-220 - 80 320 a a i sd i sdm (1) source-drain current source-drain current (pulsed) to-220fp - 42 168 a a v sd forward on voltage i sd = 65a, v gs = 0 -1.5v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 65a, v dd = 30v di/dt = 100a/s, tj = 150c (see figure 17) - 47 87 3.7 ns nc a 1. pulsed: pulse duration = 300 s, duty cycle 1.5% www.datasheet.in
electrical characteristics stx60n55f3 6/20 doc id 13242 rev 4 2.1 electrical characteristics (curves) figure 2. safe operating area for to-220 d2pak / ipak / i2pak / dpak figure 3. thermal impedance for to-220 d2pak / ipak / i2pak / dpak figure 4. safe operating area for to-220fp figure 5. thermal impedance for to-220fp www.datasheet.in
stx60n55f3 electrical characteristics doc id 13242 rev 4 7/20 figure 6. output characteristics figure 7. transfer characteristics figure 8. normalized bv dss vs temperature figure 9. static drain-source on resistance figure 10. gate charge vs gate-source voltage figure 11. capacitance variations www.datasheet.in
electrical characteristics stx60n55f3 8/20 doc id 13242 rev 4 figure 12. normalized gate threshold voltage vs temperature figure 13. normalized on resistance vs temperature figure 14. source-drain diode forward characteristics www.datasheet.in
stx60n55f3 test circuits doc id 13242 rev 4 9/20 3 test circuits figure 15. switching times test circuit for resistive load figure 16. gate charge test circuit figure 17. test circuit for inductive load switching and diode recovery times figure 18. unclamped inductive load test circuit figure 19. unclamped inductive wavefor m figure 20. switching time waveform www.datasheet.in
package mechanical data stx60n55f3 10/20 doc id 13242 rev 4 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com. ecopack is an st trademark. www.datasheet.in
stx60n55f3 package mechanical data doc id 13242 rev 4 11/20 i2pak (to-262) mechanical data dim mm inch min typ max min typ max a 4.40 4.60 0.17 3 0.1 8 1 a1 2.40 2.72 0.094 0.107 b 0.61 0. 88 0.024 0.0 3 4 b 1 1.14 1.70 0.044 0.066 c 0.49 0.70 0.019 0.027 c2 1.2 3 1. 3 20.04 8 0.052 d 8 .95 9. 3 50. 3 52 0. 3 6 8 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 e 10 10.40 0. 3 9 3 0.410 l1 3 14 0.511 0.551 l1 3 .50 3 .9 3 0.1 3 7 0.154 l2 1.27 1.40 0.050 0.055 www.datasheet.in
package mechanical data stx60n55f3 12/20 doc id 13242 rev 4 d2pak (to-26 3 ) mechanical data dim mm inch min typ max min typ max a 4.40 4.60 0.17 3 0.1 8 1 a1 0.0 3 0.2 3 0.001 0.00 9 b 0.70 0. 93 0.027 0.0 3 7 b 2 1.14 1.70 0.045 0.067 c 0.45 0.60 0.017 0.024 c2 1.2 3 1. 3 60.04 8 0.05 3 d 8 . 9 5 9 . 3 50. 3 52 0. 3 6 8 d1 7.50 0.2 9 5 e 10 10.40 0. 39 40.40 9 e1 8 .50 0. 33 4 e 2.54 0.1 e1 4. 88 5.2 8 0.1 9 20.20 8 h15 15. 8 50.5 9 00.624 j1 2.4 9 2.6 9 0.0 99 0.106 l2.2 9 2.7 9 0.0 9 0 0.110 l1 1.27 1.40 0.05 0.055 l2 1. 3 0 1.75 0.051 0.06 9 r 0.4 0.016 v2 0 8 0 8 0079457_m www.datasheet.in
stx60n55f3 package mechanical data doc id 13242 rev 4 13/20 dim. mm. min. typ max. a 2.20 2.40 a1 0. 9 01.10 a2 0.0 3 0.2 3 b 0.64 0. 9 0 b 4 5.20 5.40 c 0.45 0.60 c2 0.4 8 0.60 d 6.00 6.20 d1 5.10 e 6.40 6.60 e1 4.70 e2.2 8 e1 4.40 4.60 h 9 . 3 5 10.10 l1 l1 2. 8 0 l2 0. 8 0 l4 0.60 1 r0.20 v2 0 o 8 o to-252 (dpak) mechanical data 006 8 772_g www.datasheet.in
package mechanical data stx60n55f3 14/20 doc id 13242 rev 4 dim. mm. min. typ max. a 2.20 2.40 a1 0. 9 01.10 b 0.64 0. 9 0 b 2 0. 9 5 b 4 5.20 5.40 c 0.45 0.60 c2 0.4 8 0.60 d 6.00 6.20 e 6.40 6.60 e2.2 8 e1 4.40 4.60 h 16.10 l 9 .00 9 .40 (l1) 0. 8 01.20 l2 0. 8 0 v1 10 o to-251 (ipak) mechanical data 006 8 771_h www.datasheet.in
stx60n55f3 package mechanical data doc id 13242 rev 4 15/20 to-220 mechanical data dim mm inch min typ max min typ max a 4.40 4.60 0.17 3 0.1 8 1 b 0.61 0. 88 0.024 0.0 3 4 b 1 1.14 1.70 0.044 0.066 c0.4 8 0.70 0.01 9 0.027 d 15.25 15.75 0.6 0.62 d1 1.27 0.050 e 10 10.40 0. 393 0.40 9 e 2.40 2.70 0.0 9 4 0.106 e1 4. 9 5 5.15 0.1 9 4 0.202 f1.2 3 1. 3 2 0.04 8 0.051 h1 6.20 6.60 0.244 0.256 j1 2.40 2.72 0.0 9 4 0.107 l1 3 14 0.511 0.551 l1 3 .50 3 . 93 0.1 3 7 0.154 l20 16.40 0.645 l 3 02 8 . 9 0 1.1 3 7 ? p 3 .75 3 . 8 5 0.147 0.151 q2.65 2. 9 5 0.104 0.116 www.datasheet.in
package mechanical data stx60n55f3 16/20 doc id 13242 rev 4 dim. mm . x a m . p y t . n i m 6 . 4 4 . 4 a 7 . 2 5 . 2 b 5 7 . 2 5 . 2 d 7 . 0 5 4 . 0 e 1 5 7 . 0 f 0 7 . 1 5 1 . 1 1 f 5 . 1 5 1 . 1 2 f 2 . 5 5 9 . 4 g 7 . 2 4 . 2 1 g 4 . 0 1 0 1 h 6 1 2 l 6 . 0 3 6 . 8 2 3 l 6 . 0 1 8 . 9 4 l 6 . 3 9 . 2 5 l 4 . 6 1 9 . 5 1 6 l 3 . 9 9 7 l 2 . 3 3 a i d 7012510_rev_j a b h di a l7 d e l6 l5 l2 l 3 l4 f1 f2 f g g1 to-220fp mechanical data www.datasheet.in
stx60n55f3 packaging mechanical data doc id 13242 rev 4 17/20 5 packaging mechanical data tape and reel shipment dpak footprint dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0.795 g 16.4 18.4 0.645 0.724 n 50 1.968 t 22.4 0.881 base qty bulk qty 2500 2500 reel mechanical data dim. mm inch min. max. min. max. a0 6.8 7 0.267 0.275 b0 10.4 10.6 0.409 0.417 b1 12.1 0.476 d 1.5 1.6 0.059 0.063 d1 1.5 0.059 e 1.65 1.85 0.065 0.073 f 7.4 7.6 0.291 0.299 k0 2.55 2.75 0.100 0.108 p0 3.9 4.1 0.153 0.161 p1 7.9 8.1 0.311 0.319 p2 1.9 2.1 0.075 0.082 r 40 1.574 w 15.7 16.3 0.618 0.641 tape mechanical data all dimensions are in millimeters www.datasheet.in
packaging mechanical data stx60n55f3 18/20 doc id 13242 rev 4 tape and reel shipment d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data www.datasheet.in
stx60n55f3 revision history doc id 13242 rev 4 19/20 6 revision history table 8. document revision history date revision changes 09-feb-2007 1 first release 22-feb-2007 2 description has been updated 07-mar-2007 3 the figure 2 , figure 4 , figure 9 have been changed 17-apr-2009 4 added device in i 2 pa k updated all mechanical data www.datasheet.in
stx60n55f3 20/20 doc id 13242 rev 4 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2009 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com www.datasheet.in


▲Up To Search▲   

 
Price & Availability of STP60N55F3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X